PART |
Description |
Maker |
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
CY62256VNLL-70SNXC CY62256VNLL-70SNC CY62256VNLL-7 |
256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28
|
Cypress Semiconductor Corp. SRAM Cypress Semiconductor, Corp.
|
IDT71V256SA12PZG8 IDT71V256SA12PZGI8 IDT71V256SA12 |
Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit) 3.3V, 32K X 8 Static RAM
|
Integrated Device Technology IDT
|
IDT71V416YS15YGI IDT71V416YS IDT71V416YL10BEG IDT7 |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 3.3V的CMOS静态RAM 4梅格56K x 16位) 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT71256SA70 IDT71256SA70PZ IDT71256SA70T IDT71256 |
Asynchronous Communications Element With Autoflow Control 48-TQFP 0 to 70 32K X 8 STANDARD SRAM, 70 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT)
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
CY7C1399BN-15ZC CY7C1399BN-15ZI CY7C1399BN-15ZXC C |
256K (32K x 8) Static RAM
|
http:// Cypress Semiconductor
|
CY62256NL-70PXC CY62256NL-70SNXC CY62256NL-70PC CY |
256K (32K x 8) Static RAM
|
http:// Cypress Semiconductor
|
IDT71256L |
CMOS Static RAM 256K (32K x 8-Bit)
|
List of Unclassifed Manufacturers
|
UPD43256B00 UPD43256B-XXL UPD43256B-XXLL UPD43256B |
32K X 8 STANDARD SRAM, 70 ns, PDSO28 32K X 8 STANDARD SRAM, 100 ns, PDSO28 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
|
NEC
|